Part Number Hot Search : 
MAX92 SC4524 IR3C01 GRF300 TDA729 DB201 6039122 002228
Product Description
Full Text Search
 

To Download MBRF1540CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
MBRF1530CT---MBRF15100CT
VOLTAGE RANGE: 30 - 100 V CURRENT: 15 A
SCHOTTKY BARRIER RECTIFIER
High s urge capacity. For us e in low voltage, high frequency inverters , free 111wheeling, and polarity protection applications . Metal s ilicon junction, m ajority carrier conduction. High current capacity, low forward voltage drop. Guard ring for over voltage protection.
ITO-220AB
0.188(4.77) 0.172(4.36) 0.405(10.27) 0.383(9.72) 0.140(3.56) 0.130(3.30) 0.676(17.2) 0.646(16.4)
DIA
0.110(2.80) 0.100(2.54) 0.131(3.39) 0.122(3.08)
DIA
0.600(15.5) 0.580(14.5)
0.350(8.89) 0.330(8.38)
PIN
1 2 3
0.560(14.22)
0.530(13.46)
MECHANICAL DATA
Cas e:JEDEC ITO-220AB,m olded plas tic body Term inals :Leads, s olderable per MIL-STD-750, 11 Method 2026 Polarity: As m arked Pos ition: Any Weight: 0.08ounce, 2.24 grams
0.191(4.85) 0.171(4.35) 0.060(1.52)
0.110(2.80) 0.100(2.54)
0.105(2.67) 0.095(2.41) 0.205(5.20) 0.195(4.95)
hzh j kc vx
0.037(0.94) 0.027(0.69) PIN1
0.022(0.55) 0.014(0.36)
PIN2 PIN3
Dimensions in inches and(millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient tem perature unles s otherwis e s pecified. Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
MBRF MBRF MBRF MBRF MBRF MBRF MBRF MBRF UNITS 1530CT 1535CT 1540CT 1545CT 1550CT 1560CT 1580CT 15100CT
Maximum recurrent peak reverse voltage Maximum RMS V oltage Maximum DC blocking voltage Maximum average forw ard total device m rectified current @TC = 105C Peak forw ard surge current 8.3ms single half b sine-w ave superimposed on rated load Maximum forward voltage (Note 1) (IF=7.5A,TC=25 (I F=7.5A,TC=125 (I F=15A ,TC=25 (IF=15A,TC=125 Maximum reverse current at rated DC blocking voltage ) ) ) )
V RRM V RMS V DC IF(AV) IFSM
30 21 30
35 25 35
40 28 40
45 32 45 15 150
50 35 50
60 42 60
80 56 80
100 70 100
V V V A A
-
0.75 0.65 1.0 50 3.0 - 55 ---- + 150 - 55 ---- + 150
0.80 0.1 6.0 3) mA /W V
VF
0.57 0.84 0.72 0.1 15
@TC =25 @TC =125
IR R JC TJ TSTG
Maximum thermal resistance (Note2) Operating junction temperature range Storage temperature range
NOTE: 1. Pulse test:300s pulse width,1% duty cy cle. 2. Thermal resistance from junction to case. 3.T C =100
www.galaxycn.com
Document Number 0267036
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
MBRF1530CT---MBRF15100CT
FIG.2 -- FORWARD DERATING CURVE
150
15
120
AMPERES
8.3ms Single Half Sine Wave TJ=125
12
90
9
60
6
30
3
0 1
0 25 50 75 100 125 150
10
100
NUMBER OF CYCLES AT 60HZ
CASE TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
MBRF1550CT-MBRF1560CT MBRF1530CT-MBRF1545CT
200 100
MBRF1530CT-MBRF1545CT
MBRF1580CT-MBRF15100CT
AMPERES
1
MBRF1580CT-MBRF15100CT,TC=100ae
10
MBRF1550CT-MBRF1560CT
.1
MBRF1550CT-MBRF1560CT
P u ls e w id t h = 3 0 0 1 % D u t y C y c le
s
MBRF1530CT-MBRF1545CT,MBRF1580CT-MBRF15100CT
1
.2
.4
.6
.8
1.0
1 .2
1 .4
1 .6
1 .8
2.0
2.2
.01
TC=125ae TC=25ae
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,% INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0267036
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of MBRF1540CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X